| Moteur de recherche de fiches techniques de composants électroniques |
|
AM85C30-10JC Fiches technique(PDF) 21 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM85C30-10JC Fiches technique(HTML) 21 Page - Advanced Micro Devices |
|
21 / 68 page ![]() AMD 21 Am85C30 0 0 1 1 0 1 0 1 0 0 1 1 Write Register 1 Write Register 4 D7 D6 D5 D4 D3 D2 D1 D0 Ext Int Enable Tx Int Enable Parity is Special Condition D7 D6 D5 D4 D3 D2 D1 D0 Write Register 2 D7 D6 D5 D4 D3 D2 D1 D0 V0 V1 V2 V3 V4 V5 V6 V7 Interrupt Vector* Write Register 6 D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 1 0 0 1 1 0 1 0 1 0 0 1 1 0 1 0 1 Write Register 5 D7 D6 D5 D4 D3 D2 D1 D0 Tx CRC Enable RTS SDLC/CRC-16 Tx Enable Send Break 0 0 1 1 0 1 0 1 Write Register 3 D7 D6 D5 D4 D3 D2 D1 D0 Rx Enable Sync Character Load Inhibit Address Search Mode (SDLC) Rx CRC Enable Enter Hunt Mode Auto Enable 0 0 1 1 0 1 0 1 Parity Enable Parity Even/ Odd Sync Modes Enable 1 Stop Bit/Character 1 1/2 Stop Bits/Character 2 Stop Bits/Character 8-Bit Sync Character 16-Bit Sync Character SDLC Mode (01111110 Flag) External Sync Mode X1 Clock Mode X16 Clock Mode X32 Clock Mode X64 Clock Mode Rx Int Disable Rx Int on First Character or Special Condition Int on All Rx Characters or Special Condition Rx Int on Special Condition only Wait/DMA Request on Receive/Transmit Wait/DMA Request Function Wait/DMA Request Enable Tx 5 Bits (or less)/Character Tx 7 Bits/Character Tx 6 Bits/Character Tx 8 Bits/Character DTR Rx 5 Bits/Character Rx 7 Bits/Character Rx 6 Bits/Character Rx 8 Bits/Character SYNC7 SYNC1 SYNC7 SYNC3 ADR7 ADR7 SYNC6 SYNC0 SYNC6 SYNC2 ADR6 ADR6 SYNC5 SYNC5 SYNC5 SYNC1 ADR5 ADR5 SYNC4 SYNC4 SYNC4 SYNC0 ADR4 ADR4 SYNC3 SYNC3 SYNC3 1 ADR3 1 SYNC2 SYNC2 SYNC2 1 ADR2 1 SYNC1 SYNC1 SYNC1 1 ADR1 1 SYNC0 SYNC0 SYNC0 1 ADR0 1 Monosync 8 Bits Monosync 8 Bits Bisync 16 Bits Bisync 12 Bits SDLC SDLC (Address 0) Figure 9. Write Register Bit Functions (continued) 10216F-13 |