| Moteur de recherche de fiches techniques de composants électroniques |
|
STW5NK100Z Fiches technique(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STW5NK100Z Fiches technique(HTML) 6 Page - STMicroelectronics |
|
6 / 16 page ![]() Electrical characteristics STP5NK100Z - STF5NK100Z - STW5NK100Z 6/16 Table 7. Source drain diode Symbol Parameter Test conditions Min Typ. Max Unit ISD Source-drain current 3.5 A ISDM (1) 1. Pulse width limited by safe operating area Source-drain current (pulsed) 14 A VSD (2) 2. Pulsed: pulse duration=300µs, duty cycle 1.5% Forward on voltage ISD= 3.5 A, VGS=0 1.6 V trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD= 3.5 A, di/dt = 100A/µs, VDD=30 V (see Figure 22) 605 3.09 10.5 ns µC A trr Qrr IRRM Reverse recovery time Reverse recovery charge Reverse recovery current ISD= 3.5 A, di/dt = 100A/µs, VDD=35 V, Tj=150°C (see Figure 22) 742 4.2 11.2 ns µC A |