Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP38859 Fiches technique(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LP38859
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38859 Fiches technique(HTML) 13 Page - National Semiconductor (TI)

Back Button LP38859 Datasheet HTML 6Page - National Semiconductor (TI) LP38859 Datasheet HTML 7Page - National Semiconductor (TI) LP38859 Datasheet HTML 8Page - National Semiconductor (TI) LP38859 Datasheet HTML 9Page - National Semiconductor (TI) LP38859 Datasheet HTML 10Page - National Semiconductor (TI) LP38859 Datasheet HTML 11Page - National Semiconductor (TI) LP38859 Datasheet HTML 12Page - National Semiconductor (TI) LP38859 Datasheet HTML 13Page - National Semiconductor (TI) LP38859 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Physical Dimensions inches (millimeters) unless otherwise noted
TO-220 5-Lead, Stagger Bend Package (TO220-5)
NS Package Number TO5D
TO-263 5-Lead, Molded, Surface Mount Package (TO263-5)
NS Package Number TS5B
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14