| Moteur de recherche de fiches techniques de composants électroniques |
|
LD29080PT-R Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD29080PT-R Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 21 page ![]() LD29080 SERIES 2/21 Figure 2: Schematic Diagram For Fixed Version Table 1: Ordering Codes (*) Available in Tape & Reel with the suffix "R", for the adj version "-R" (**) Available on Request Table 2: Absolute Maximum Ratings (*) Above 14V the device is automatically in shut-down. Absolute Maximum Ratings are those beyond which damage to the device may occur. Functional operation under these condition is not im- plied. DPAK (*) PPAK (*) SOT-223 OUTPUT VOLTAGE LD29080DT15 LD29080PT15 LD29080S15 1.5 V LD29080DT18 LD29080PT18 LD29080S18 1.8 V LD29080DT25 LD29080PT25 LD29080S25 2.5 V LD29080DT33 LD29080PT33 LD29080S33 3.3 V LD29080DT50 LD29080PT50 LD29080S50 5.0 V LD29080DT80 LD29080PT80 LD29080S80 8.0 V (**) LD29080DT90 LD29080PT90 LD29080S90 9.0 V (**) LD29080PT ADJ Symbol Parameter Value Unit VI DC Input Voltage 30 (*) V VINH Inhibit Input Voltage 14 V IO Output Current Internally Limited mA PD Power Dissipation Internally Limited mW Tstg Storage Temperature Range -55 to 150 °C Top Storage Temperature Range -40 to 125 °C |