Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BL-R4122 Fiches technique(PDF) 2 Page - Yellow Stone Corp

No de pièce BL-R4122
Description  STANDARD LED LAMPS(RECTANGULAR TYPES)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YSTONE [Yellow Stone Corp]
Site Internet  http://www.ystone.com.tw
Logo YSTONE - Yellow Stone Corp

BL-R4122 Fiches technique(HTML) 2 Page - Yellow Stone Corp

  BL-R4122 Datasheet HTML 1Page - Yellow Stone Corp BL-R4122 Datasheet HTML 2Page - Yellow Stone Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-065
BL-Rxx41H Series
L-066
BL-Rxx31K Series
L-067
BL-Rxx31T Series
L-068
BL-Rxx22 Series
L-069
BL-Rxx32 Series
L-070
BL-Rxx32A-T Series
L-071
BL-Rxx32B Series
L-072
BL-Bxx32C Series
Notes 1.All Dimensions are in millimeters (inches).
2.Tolerance isA0.25mm (.010 ).
MIN.
NOM.
0.5(.020) SQ.TYP.
4.1(.161)
2.54(.100)
1.0(.039)
6.9(.272)
25.4(1.00) MIN.
1.5(.059) MAX.
4.0(.157)
1.7(.067)
1.8(.071)
NOM.
MIN.
5.1(.201)
25.4(1.00) MIN.
1.0(.039)
1.5(.059) MAX.
2.54(.100)
0.5(.020) SQ.TYP.
4.8(.189)
1.5(.059)
4.7(.185)
1.4(.055)
MIN.
(.10) NOM.
2.54
MAX.
4.0(.157)
0.5(.02) SQ. TYP.
1.5(.059)
2.00(.079)
5.0(.197)
1.0(.04)
25.4(1.0) MIN.
4.1(.161)
1.90(.075)
NOM.
MIN.
1.5(.059) MAX.
1.8(.071)
12.7(.500) MIN.
0.5(.020) SQ.TYP.
1.0(.039)
2.29(.090)
2.8(.110)
5.1(.201)
2.0(.079)
5.0(.197)
6.0(.236)
MIN.
NOM.
5.0(.197)
2.54(.100)
1.5(.059) MAX.
2.8(.110)
5.1(.201)
25.4(1.00) MIN.
1.00(.039)
2.0(.079)
6.0(.236)
1.8(.071)
0.5(.020) SQ.TYP.
NOM.
MIN.
1.0(.039)
6.4(.252)
0.5(.020) SQ.TYP.
25.4(1.00) MIN.
2.54(.100)
1.0(.039)
6.5(.256)
5.0(.197)
2.0(.079)
2.0(.079)
1.5(.059) MAX.
1.5 (.059) MAX.
2.54 (.10) NOM.
1.0 (.04)
MIN.
0.7(.03)
4.9(.193)
2.0(.079)
6.3(.248)
25.4(1.00) MIN.
0.5(.02) SQ. TYP.
4.8(.189)
1.9(.075)
2.8(.11)
NOM.
MIN.
5.0(.197)
1.0(.039)
2.54(.100)
1.5(.059) MAX.
2.3(.091)
2.2(.087)
0.5(.020) SQ.TYP.
25.4(1.00) MIN.
5.4(.213)
5.2(.205)
Yellow Stone corp.
www.ystone.com.tw
886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice.



Html Pages

1 2