Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD29080PT33 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce LD29080PT33
Description  800mA FIXED AND ADJUSTABLE OUTPUT VERY LOW DROP VOLTAGE REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29080PT33 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button LD29080PT33 Datasheet HTML 9Page - STMicroelectronics LD29080PT33 Datasheet HTML 10Page - STMicroelectronics LD29080PT33 Datasheet HTML 11Page - STMicroelectronics LD29080PT33 Datasheet HTML 12Page - STMicroelectronics LD29080PT33 Datasheet HTML 13Page - STMicroelectronics LD29080PT33 Datasheet HTML 14Page - STMicroelectronics LD29080PT33 Datasheet HTML 15Page - STMicroelectronics LD29080PT33 Datasheet HTML 16Page - STMicroelectronics LD29080PT33 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
LD29080 SERIES
13/21
Figure 13: Short Circuit Current vs Temperature
Figure 14: Adjust Pin Current vs Temperature
Figure 15: Supply Voltage Rejection vs
Temperature
Figure 16: Output Voltage vs Input Voltage
Figure 17: Stability vs COUT
Figure 18: Line Transient
VI=3.5 to 13V, IO=10mA, VO=1.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21