| Moteur de recherche de fiches techniques de composants électroniques |
|
M63154AFP Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
M63154AFP Fiches technique(HTML) 4 Page - Renesas Technology Corp |
|
4 / 16 page ![]() M63154AFP Rev.1.0, Sep.16.2003, page 4 of 15 THERMAL DERATING 0 25 50 75 100 125 150 Ta (˚C) 1.0 2.0 3.0 4.0 5.0 1.2 Ambient Temperature Without heat sink With infinite heat sink Recommend Operating Conditions (Ta =25°C) LIMITS SYMBOL PARAMETER Minimum Typical Maximum Unit Vcc Power supply 12 24 28 V Io Motor output current — — 1.2 A |