Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2904A Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce LM2904A
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A Fiches technique(HTML) 3 Page - STMicroelectronics

  LM2904A Datasheet HTML 1Page - STMicroelectronics LM2904A Datasheet HTML 2Page - STMicroelectronics LM2904A Datasheet HTML 3Page - STMicroelectronics LM2904A Datasheet HTML 4Page - STMicroelectronics LM2904A Datasheet HTML 5Page - STMicroelectronics LM2904A Datasheet HTML 6Page - STMicroelectronics LM2904A Datasheet HTML 7Page - STMicroelectronics LM2904A Datasheet HTML 8Page - STMicroelectronics LM2904A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
2
Package pin connections
Figure 3. DFN8 2x2 package pin connections (top view)
1
2
3
Out1
In1-
In1+
4
Vcc-
8
7
6
Vcc+
Out2
In2-
5 In2+
NC (1)
1.
The exposed pad of the DFN8 2x2 can be connected to (VCC-) or left floating.
Figure 4. MiniSO8, TSSOP8, and SO8 package pin connections (top view)
1
2
3
Out1
In1-
In1+
4
Vcc-
8
7
6
Vcc+
Out2
In2-
5 In2+
+
+
-
-
LM2904, LM2904A, LM2904W, LM2904AW
Package pin connections
DS0508 - Rev 20
page 3/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28