Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C01-R Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce M24C01-R
Description  1-Kbit and 2-Kbit serial I²C bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01-R Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button M24C01-R Datasheet HTML 33Page - STMicroelectronics M24C01-R Datasheet HTML 34Page - STMicroelectronics M24C01-R Datasheet HTML 35Page - STMicroelectronics M24C01-R Datasheet HTML 36Page - STMicroelectronics M24C01-R Datasheet HTML 37Page - STMicroelectronics M24C01-R Datasheet HTML 38Page - STMicroelectronics M24C01-R Datasheet HTML 39Page - STMicroelectronics M24C01-R Datasheet HTML 40Page - STMicroelectronics M24C01-R Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
List of tables
Table 1.
Signal names ...................................................................... 2
Table 2.
Device select code ................................................................... 9
Table 3.
Address byte ...................................................................... 10
Table 4.
Absolute maximum ratings ............................................................ 17
Table 5.
Operating conditions (voltage range W) ................................................... 18
Table 6.
Operating conditions (voltage range R) .................................................... 18
Table 7.
Operating conditions (voltage range F) .................................................... 18
Table 8.
AC measurement conditions ........................................................... 18
Table 9.
Input parameters ................................................................... 19
Table 10.
Cycling performance ................................................................ 19
Table 11.
Memory cell data retention ............................................................ 19
Table 12.
DC characteristics (M24C01/02-W) ...................................................... 20
Table 13.
DC characteristics (M24C01/02-R) ....................................................... 21
Table 14.
DC characteristics (M24C02-F) ......................................................... 22
Table 15.
400 kHz AC characteristics (I2C Fast-mode) ................................................ 23
Table 16.
100 kHz AC characteristics (I2C standard-mode) ............................................. 24
Table 17.
UFDFPN5 - Mechanical data ........................................................... 27
Table 18.
TSSOP8 – Mechanical data ........................................................... 28
Table 19.
SO8N – Mechanical data ............................................................. 30
Table 20.
UFDFPN8 - Mechanical data ........................................................... 33
Table 21.
Ordering information scheme........................................................... 34
Table 22.
Document revision history ............................................................. 35
M24C01/02-W M24C01/02-R M24C02-F
List of tables
DS9398 - Rev 7
page 39/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41