| Moteur de recherche de fiches techniques de composants électroniques |
|
M24512-R Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24512-R Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 47 page ![]() 5.1.1 Byte write After the device select code and the address bytes, the bus master sends one data byte. If the addressed location is write-protected, by write control (WC) being driven high, the device replies with NoAck, and the location is not modified. If, instead, the addressed location is not write-protected, the device replies with Ack. The bus master terminates the transfer by generating a stop condition, as shown in Figure 7. Figure 7. Write mode sequences with WC = 0 (data write enabled) WC Byte Write Dev sel Byte addr Byte addr Data in ACK ACK ACK ACK RW WC Dev sel Byte addr Byte addr ACK ACK ACK ACK RW Data in 1 Data in 2 Page Write Page Write (cont’d) WC (cont’d) ACK ACK Data in N M24512-W M24512-R M24512-DF Write operations DS6520 - Rev 31 page 11/47 |