Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM6DSOTR Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce LSM6DSOTR
Description  iNEMO inertial module: always-on 3D accelerometer and 3D gyroscope
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSOTR Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button LSM6DSOTR Datasheet HTML 73Page - STMicroelectronics LSM6DSOTR Datasheet HTML 74Page - STMicroelectronics LSM6DSOTR Datasheet HTML 75Page - STMicroelectronics LSM6DSOTR Datasheet HTML 76Page - STMicroelectronics LSM6DSOTR Datasheet HTML 77Page - STMicroelectronics LSM6DSOTR Datasheet HTML 78Page - STMicroelectronics LSM6DSOTR Datasheet HTML 79Page - STMicroelectronics LSM6DSOTR Datasheet HTML 80Page - STMicroelectronics LSM6DSOTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 172 page
background image
9.47
WAKE_UP_DUR (5Ch)
Free-fall, wakeup and sleep mode functions duration setting register (r/w)
Table 131. WAKE_UP_DUR register
FF_DUR5
WAKE_DUR1 WAKE_DUR0
WAKE_THS_
W
SLEEP_DUR
3
SLEEP_DUR
2
SLEEP_DUR
1
SLEEP_DUR
0
Table 132. WAKE_UP_DUR register description
FF_DUR5
Free fall duration event. Default: 0
For the complete configuration of the free-fall duration, refer to FF_DUR[4:0] in FREE_FALL (5Dh)
configuration.
1 LSB = 1 ODR_time
WAKE_DUR[1:0]
Wake up duration event. Default: 00
1LSB = 1 ODR_time
WAKE_THS_W
Weight of 1 LSB of wakeup threshold. Default: 0
(0: 1 LSB = FS_XL / (26);
1: 1 LSB = FS_XL / (28) )
SLEEP_DUR[3:0]
Duration to go in sleep mode. Default value: 0000 (this corresponds to 16 ODR)
1 LSB = 512 ODR
LSM6DSO
WAKE_UP_DUR (5Ch)
DS12140 - Rev 2
page 77/172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More