| Moteur de recherche de fiches techniques de composants électroniques |
|
ATMEGA325/V Fiches technique(PDF) 8 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATMEGA325/V Fiches technique(HTML) 8 Page - ATMEL Corporation |
|
8 / 347 page ![]() 8 ATmega325/3250/645/6450 2570A–AVR–09/04 AREF This is the analog reference pin for the A/D Converter. About Code Examples This documentation contains simple code examples that briefly show how to use various parts of the device. These code examples assume that the part specific header file is included before compilation. Be aware that not all C compiler vendors include bit defini- tions in the header files and interrupt handling in C is compiler dependent. Please con- firm with the C compiler documentation for more details. |