| Moteur de recherche de fiches techniques de composants électroniques |
|
STMAV340TTR Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMAV340TTR Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 21 page ![]() STMAV340 6 Test Circuit and Diagrams 13/21 Differential gain and phase are measured at the output of the ON channel. For example, when VSEL = 0, VOE_N = 0 and 1A is the input, the output is measured at 1B. Figure 9. Differential Gain/Phase Measurement Test Circuit |