Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7809A Fiches technique(PDF) 49 Page - STMicroelectronics

No de pièce L7809A
Description  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7809A Fiches technique(HTML) 49 Page - STMicroelectronics

Back Button L7809A Datasheet HTML 45Page - STMicroelectronics L7809A Datasheet HTML 46Page - STMicroelectronics L7809A Datasheet HTML 47Page - STMicroelectronics L7809A Datasheet HTML 48Page - STMicroelectronics L7809A Datasheet HTML 49Page - STMicroelectronics L7809A Datasheet HTML 50Page - STMicroelectronics L7809A Datasheet HTML 51Page - STMicroelectronics L7809A Datasheet HTML 52Page - STMicroelectronics L7809A Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Table 26. DPAK tape and reel mechanical data
Tape
Reel
Dim.
mm
Dim.
mm
Min.
Max.
Min.
Max.
A0
6.8
7
A
330
B0
10.4
10.6
B
1.5
B1
12.1
C
12.8
13.2
D
1.5
1.6
D
20.2
D1
1.5
G
16.4
18.4
E
1.65
1.85
N
50
F
7.4
7.6
T
22.4
K0
2.55
2.75
P0
3.9
4.1
Base qty.
2500
P1
7.9
8.1
Bulk qty.
2500
P2
1.9
2.1
R
40
T
0.25
0.35
W
15.7
16.3
L78
D²PAK and DPAK packing information
DS0422 - Rev 36
page 49/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55