Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7805ABP Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce L7805ABP
Description  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805ABP Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button L7805ABP Datasheet HTML 24Page - STMicroelectronics L7805ABP Datasheet HTML 25Page - STMicroelectronics L7805ABP Datasheet HTML 26Page - STMicroelectronics L7805ABP Datasheet HTML 27Page - STMicroelectronics L7805ABP Datasheet HTML 28Page - STMicroelectronics L7805ABP Datasheet HTML 29Page - STMicroelectronics L7805ABP Datasheet HTML 30Page - STMicroelectronics L7805ABP Datasheet HTML 31Page - STMicroelectronics L7805ABP Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
Figure 24. Remote shutdown
GAMG220920161022MT
Figure 25. Power AM modulator (unity voltage gain, IO ≤ 0.5)
GAMG220920161023MT
Note:
The circuit performs well up to 100 kHz.
Figure 26. Adjustable output voltage with temperature compensation
VO = VXX (1+R2/R1) + VBE
GAMG220920161024MT
Note:
Q2 is connected as a diode in order to compensate the variation of the Q1 VBE with the temperature. C allows a
slow rise time of the VO.
L78
Design consideration
DS0422 - Rev 36
page 28/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55