Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L33B Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce 78L33B
Description  Positive voltage regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78L33B Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button 78L33B Datasheet HTML 17Page - STMicroelectronics 78L33B Datasheet HTML 18Page - STMicroelectronics 78L33B Datasheet HTML 19Page - STMicroelectronics 78L33B Datasheet HTML 20Page - STMicroelectronics 78L33B Datasheet HTML 21Page - STMicroelectronics 78L33B Datasheet HTML 22Page - STMicroelectronics 78L33B Datasheet HTML 23Page - STMicroelectronics 78L33B Datasheet HTML 24Page - STMicroelectronics 78L33B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Table 23. TO-92 tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.45
0.47
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1, F2
2.40
2.50
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W
17.50
18.00
19.00
W0
5.5
6.00
6.5
W1
8.50
9.00
9.25
W2
0.50
H
18.50
21
H3
0.5
1
2
H0
15.50
16.00
18.8
H1
25.0
27.0
D0
3.80
4.00
4.20
t
0.90
L
11.00
I1
3.00
delta P
-1.00
1.00
Ø1
352
355
358
Ø2
28
30
32
u
44
47
50
L78L
TO-92 packing information
DS0424 - Rev 28
page 21/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40