Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

78L05B Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce 78L05B
Description  Positive voltage regulators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

78L05B Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button 78L05B Datasheet HTML 31Page - STMicroelectronics 78L05B Datasheet HTML 32Page - STMicroelectronics 78L05B Datasheet HTML 33Page - STMicroelectronics 78L05B Datasheet HTML 34Page - STMicroelectronics 78L05B Datasheet HTML 35Page - STMicroelectronics 78L05B Datasheet HTML 36Page - STMicroelectronics 78L05B Datasheet HTML 37Page - STMicroelectronics 78L05B Datasheet HTML 38Page - STMicroelectronics 78L05B Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
Part numbers
Marking
Packages
Output voltages
L78L12ACUTR
8K
SOT-89
12 V
L78L12ACZ
L78L12A
TO-92
12 V
L78L12ACZ-AP
L78L12A
TO-92
12 V
L78L12ACZ-TR
L78L12A
TO-92
12 V
L78L12CD13TR
78L12
SO-8
12 V
L78L15ABUTR
8L
SOT-89
15 V
L78L15ABZ-AP
L78L15A
TO-92
15 V
L78L15ACD13TR
78L15A
SO-8
15 V
L78L15ACUTR
8L
SOT-89
15 V
L78L15ACZ
L78L15A
TO-92
15 V
L78L15CD-TR
78L15
SO-8
15 V
L78L18ACUTR
8B
SOT-89
18 V
L78L18CD13TR
L78L18
SO-8
18 V
L78L24ABZ-TR
L78L24A
TO-92
24 V
L78L24ACUTR
8P
SOT-89
24 V
L78L24ACZ-AP
L78L24A
TO-92
24 V
L78L24CD-TR
78L24
SO-8
24 V
L78L33ABD-TR
78L33B
SO-8
3.3 V
L78L33ABUTR
8A
SOT-89
3.3 V
L78L33ABZ-AP
L78L33A
TO-92
3.3 V
L78L33ACD13TR
78L33A
SO-8
3.3 V
L78L33ACUTR
8A
SOT-89
3.3 V
L78L33ACZ
L78L33A
TO-92
3.3 V
L78L33ACZ-AP
L78L33A
TO-92
3.3 V
L78L33ACZTR
L78L33A
TO-92
3.3 V
L78L
Ordering information
DS0424 - Rev 28
page 35/40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40