Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7805ABV Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce L7805ABV
Description  Positive voltage regulator ICs
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805ABV Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button L7805ABV Datasheet HTML 34Page - STMicroelectronics L7805ABV Datasheet HTML 35Page - STMicroelectronics L7805ABV Datasheet HTML 36Page - STMicroelectronics L7805ABV Datasheet HTML 37Page - STMicroelectronics L7805ABV Datasheet HTML 38Page - STMicroelectronics L7805ABV Datasheet HTML 39Page - STMicroelectronics L7805ABV Datasheet HTML 40Page - STMicroelectronics L7805ABV Datasheet HTML 41Page - STMicroelectronics L7805ABV Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Table 21. TO-220FP package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.4
4.6
B
2.5
2.7
D
2.5
2.75
E
0.45
0.7
F
0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2
8.4
TO-220 (single/dual) packing information
Figure 41. Tube for TO-220 (dual gauge) (mm.)
L78
TO-220 (single/dual) packing information
DS0422 - Rev 36
page 38/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55