Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305EP Fiches technique(PDF) 97 Page - STMicroelectronics

No de pièce L9305EP
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305EP Fiches technique(HTML) 97 Page - STMicroelectronics

Back Button L9305EP Datasheet HTML 93Page - STMicroelectronics L9305EP Datasheet HTML 94Page - STMicroelectronics L9305EP Datasheet HTML 95Page - STMicroelectronics L9305EP Datasheet HTML 96Page - STMicroelectronics L9305EP Datasheet HTML 97Page - STMicroelectronics L9305EP Datasheet HTML 98Page - STMicroelectronics L9305EP Datasheet HTML 99Page - STMicroelectronics L9305EP Datasheet HTML 100Page - STMicroelectronics L9305EP Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
Symbol
Dimensions
Note
Min.
Typ.
Max.
A1
0.00
-
0.10
10
A2
2.15
-
2.35
b
0.18
-
0.32
7, 8
b1
0.13
0.2
0.30
7, 8
c
0.23
-
0.32
7
c1
0.20
0.20
0.30
7
D
10.30 BSC
3, 4
D1
VARIATION
11
D2
-
3.65
-
D3
-
4.30
-
e
0.50 BSC
E
10.30 BSC
E1
7.50 BSC
3, 4
E2
VARIATION
11
E3
-
2.30
-
E4
-
2.90
-
G1
-
1.20
-
G2
-
1.00
-
G3
-
0.80
-
h
0.30
-
0.40
9
L
0.55
0.70
0.85
L1
1.40 REF
L2
0.20 BSC
N
36
6
R1
0.30
-
-
R2
0.20
-
-
S
0.25
-
-
Tolerance of form and position
aaa
0.20
1, 2
bbb
0.20
ccc
0.08
ddd
0.08
eee
0.10
fff
0.20
ggg
0.15
VARIATIONS
D1
6.50
-
7.10
A
E2
4.10
-
4.70
D1
4.90
-
5.50
B
E2
4.10
-
4.70
L9305
PowerSSO-36 (7.2x4.75 mm option C exposed pad down) package information
DS12774 - Rev 8
page 97/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More