Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2903B Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce LM2903B
Description  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button LM2903B Datasheet HTML 11Page - STMicroelectronics LM2903B Datasheet HTML 12Page - STMicroelectronics LM2903B Datasheet HTML 13Page - STMicroelectronics LM2903B Datasheet HTML 14Page - STMicroelectronics LM2903B Datasheet HTML 15Page - STMicroelectronics LM2903B Datasheet HTML 16Page - STMicroelectronics LM2903B Datasheet HTML 17Page - STMicroelectronics LM2903B Datasheet HTML 18Page - STMicroelectronics LM2903B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
6
Ordering information
Table 7. Order code
Order code
Temperature range
Package
Packaging
Marking
LM2903BYDT (1)
-40 to +125 °C
SO-8
Tape & reel
2903BY
LM2903BYST (1)
MiniSO-8
K432
LM2903BYPT (1)
TSSOP8
2903B
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001 &
Q 002 or equivalent.
LM2903B
Ordering information
DS13991 - Rev 2
page 15/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20