Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOZ9530QV Fiches technique(PDF) 13 Page - Alpha & Omega Semiconductors

No de pièce AOZ9530QV
Description  28 V/7 A Smart Motor Module
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AOSMD [Alpha & Omega Semiconductors]
Site Internet  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ9530QV Fiches technique(HTML) 13 Page - Alpha & Omega Semiconductors

Back Button AOZ9530QV Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ9530QV Datasheet HTML 13Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Rev. 2.0 August 2022
www.aosmd.com
Page 13 of 13
AOZ9530QV
ALPHA & OMEGA
SEMIC ONDUCT OR
Part Marking
Option Code
Special Code
Assembly Lot Code
Year & Week Code
AOZ9530QV
(QFN3x3)
Y W L T
P N X O
Part Number Code
Part Number
Description
Code
AOZ9530QV
Green Product
AF00
LEGAL DISCLAIMER
Applications or uses as critical components in life support devices or systems are not authorized. Alpha and Omega
Semiconductor does not assume any liability arising out of such applications or uses of its products. AOS reserves the right
to make changes to product specifications without notice. It is the responsibility of the customer to evaluate suitability of the
product for their intended application. Customer shall comply with applicable legal requirements, including all applicable
export control rules, regulations and limitations.
AOS’s products are provided subject to AOS’s terms and conditions of sale which are set forth at:
http://www.aosmd.com/terms_and_conditions_of_sale
LIFE SUPPORT POLICY
ALPHA AND OMEGA SEMICONDUCTOR PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS.
As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the body or
(b) support or sustain life, and (c) whose failure to perform
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to
result in a significant injury of the user.
2. A critical component in any component of a life support,
device, or system whose failure to perform can be
reasonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13