Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC173N Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 74HC173N
Description  Quad D-type flip-flop; positive-edge trigger; 3-state
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC173N Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 74HC173N Datasheet HTML 2Page - NXP Semiconductors 74HC173N Datasheet HTML 3Page - NXP Semiconductors 74HC173N Datasheet HTML 4Page - NXP Semiconductors 74HC173N Datasheet HTML 5Page - NXP Semiconductors 74HC173N Datasheet HTML 6Page - NXP Semiconductors 74HC173N Datasheet HTML 7Page - NXP Semiconductors 74HC173N Datasheet HTML 8Page - NXP Semiconductors 74HC173N Datasheet HTML 9Page - NXP Semiconductors 74HC173N Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
December 1990
7
Philips Semiconductors
Product specification
Quad D-type flip-flop; positive-edge trigger; 3-state
74HC/HCT173
th
hold time
En to CP
0
0
0
−17
−6
−5
0
0
0
0
0
0
ns
2.0
4.5
6.0
Fig.9
th
hold time
Dn to CP
1
1
1
−11
−4
−3
1
1
1
1
1
1
ns
2.0
4.5
6.0
Fig.9
fmax
maximum clock pulse
frequency
6.0
30
35
26
80
95
4.8
24
28
4.0
20
24
MHz
2.0
4.5
6.0
Fig.6
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max. min. max. min.
max.



Html Pages

1 2 3 4 5 6 7 8 9 10