Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2001DIE2 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STE2001DIE2
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001DIE2 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STE2001DIE2 Datasheet HTML 28Page - STMicroelectronics STE2001DIE2 Datasheet HTML 29Page - STMicroelectronics STE2001DIE2 Datasheet HTML 30Page - STMicroelectronics STE2001DIE2 Datasheet HTML 31Page - STMicroelectronics STE2001DIE2 Datasheet HTML 32Page - STMicroelectronics STE2001DIE2 Datasheet HTML 33Page - STMicroelectronics STE2001DIE2 Datasheet HTML 34Page - STMicroelectronics STE2001DIE2 Datasheet HTML 35Page - STMicroelectronics STE2001DIE2 Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
33/36
STE2001
NAME
PAD
X (
µm)
Y(
µm)
C124
141
4,375.44
-898.2
C125
142
4,445.44
-898.2
C126
143
4,515.44
-898.2
C127
144
4,585.44
-898.2
R47
145
4,943.84
-898.2
R46
146
5,013.84
-898.2
R45
147
5,083.84
-898.2
R44
148
5,153.84
-898.2
R43
149
5,223.84
-898.2
R42
150
5,293.84
-898.2
R41
151
5,363.84
-898.2
R40
152
5,433.84
-898.2
R39
153
5,503.84
-898.2
R38
154
5,573.84
-898.2
R37
155
5,643.84
-898.2
R36
156
5,713.84
-898.2
R35
157
5,783.84
-898.2
R34
158
5,853.84
-898.2
R33
159
5,923.84
-898.2
R32
160
5,993.84
-898.2
R48
161
6,021.92
898.2
R49
162
5,951.92
898.2
R50
163
5,881.92
898.2
R51
164
5,811.92
898.2
R52
165
5,741.92
898.2
R53
166
5,671.92
898.2
R54
167
5,601.92
898.2
R55
168
5,531.92
898.2
R56
169
5,461.92
898.2
R57
170
5,391.92
898.2
R58
171
5,321.92
898.2
R59
172
5,251.92
898.2
R60
173
5,181.92
898.2
R61
174
5,111.92
898.2
R62
175
5,041.92
898.2
R63
176
4,971.92
898.2
R64
177
4,901.92
898.2
Table 9. Pad Coordinates (continued)
NAME
PAD
X (
µm)
Y(
µm)
TEST_3
178
4,640.52
898.2
TEST_2
179
4,500.68
898.2
TEST_1
180
4,360.84
898.2
TEST_0
181
4,221
898.2
VSSOUT
182
4,151
898.2
SEL2
183
4,011.16
898.2
SEL1
184
3,871.32
898.2
OSC
185
3,731.48
898.2
VDD1_1
186
3,661.48
898.2
VDD1_2
187
3,591.48
898.2
VDD1_3
188
3,521.48
898.2
VDD1_4
189
3,451.48
898.2
VDD1_5
190
3,381.48
898.2
VDD1_6
191
3,311.48
898.2
VDD3_1
192
3,223.08
898.2
VDD3_2
193
3,153.08
898.2
VDD3_3
194
3,083.08
898.2
VDD2_1
195
2,994.68
898.2
VDD2_2
196
2,924.68
898.2
VDD2_3
197
2,854.68
898.2
VDD2_4
198
2,784.68
898.2
VDD2_5
199
2,714.68
898.2
VDD2_6
200
2,644.68
898.2
VDD2_7
201
2,574.68
898.2
TEST_7
202
2,033.84
898.2
TEST_6
203
1,894
898.2
TEST_5
204
1,754.16
898.2
TEST_4
205
1,614.32
898.2
BSY_FLAG
206
1,474.48
898.2
SDIN
207
1,333.2
898.2
SD/C
208
1,193.36
898.2
SCE
209
1,053.52
898.2
SCLK
210
913.68
898.2
D7
211
773.84
898.2
D6
212
634
898.2
D5
213
494.16
898.2
D4
214
354.32
898.2
Table 9. Pad Coordinates (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36