Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STE2001 Fiches technique(PDF) 25 Page - STMicroelectronics

No de pièce STE2001
Description  65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2001 Fiches technique(HTML) 25 Page - STMicroelectronics

Back Button STE2001 Datasheet HTML 21Page - STMicroelectronics STE2001 Datasheet HTML 22Page - STMicroelectronics STE2001 Datasheet HTML 23Page - STMicroelectronics STE2001 Datasheet HTML 24Page - STMicroelectronics STE2001 Datasheet HTML 25Page - STMicroelectronics STE2001 Datasheet HTML 26Page - STMicroelectronics STE2001 Datasheet HTML 27Page - STMicroelectronics STE2001 Datasheet HTML 28Page - STMicroelectronics STE2001 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
25/36
STE2001
Figure 28. Pad Configuration with Parallel interface
Figure 29. Pad Configuration with Serial interface
SCL
SDAIN
SDAOUT
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
RES
SA0
TEST_0
TEST_5
TEST_3
VSSOUT
TEST_4
TEST_7
TEST_2
TEST_1
VDD1
VDD1/GND/VSSOUT
TEST 9
VSS1
VSS2
VDD1
VDD2
SEL1
SEL2
OSC
TEST_8
TEST_11
VDD3
TEST_10
TEST_12
TEST_13
GND
VDD1
GND/VSSOUT
VDD1
STE2001
µP
D01IN1262
SCL
SDAIN
SDAOUT
E
PD/C
D0
D1
D2
D3
D4
D5
D6
D7
SCLK
SCE
SD/C
SDIN
BSY_FLG
TEST_6
RES
SA0
TEST_0
TEST_5
TEST_3
VSSOUT
TEST_4
TEST_7
TEST_2
TEST_1
VDD1
STE2001
µP
VDD1/GND/VSSOUT
TEST 9
VSS1
VSS2
VDD1
VDD2
SEL1
SEL2
OSCIN
TEST_8
TEST_11
VDD3
TEST_10
TEST_12
TEST_13
GND
VDD1
GND/VSSOUT
VDD1
D01IN1263



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36