Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD325X Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 36Page - STMicroelectronics UPSD325X Datasheet HTML 37Page - STMicroelectronics UPSD325X Datasheet HTML 38Page - STMicroelectronics UPSD325X Datasheet HTML 39Page - STMicroelectronics UPSD325X Datasheet HTML 40Page - STMicroelectronics UPSD325X Datasheet HTML 41Page - STMicroelectronics UPSD325X Datasheet HTML 42Page - STMicroelectronics UPSD325X Datasheet HTML 43Page - STMicroelectronics UPSD325X Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 176 page
background image
µPSD325X DEVICES
40/176
USART Interrupt
s
The USART interrupt is generated by RI
(receive interrupt) OR TI (transmit interrupt).
s
When the USART interrupt is generated, the
corresponding request flag must be cleared by
software. The interrupt service routine will have
to check the various USART registers to
determine the source and clear the
corresponding flag.
s
Both USART’s are identical, except for the
additional interrupt controls in the Bit 4 of the
additional interrupt control registers (A7H, B7H)
Figure 16. Interrupt System
AI06646
INT0
USART
Timer
0
I2C
INT1
DDC
Timer
1
USB
2nd
USART
Timer
2
High
Low
Interrupt
Sources
IE /
IP / IPA Priority
Global
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More