Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD325X Fiches technique(PDF) 121 Page - STMicroelectronics

No de pièce UPSD325X
Description  Flash Programmable System Devices with 8032 Microcontroller Core and 256Kbit SRAM
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD325X Fiches technique(HTML) 121 Page - STMicroelectronics

Back Button UPSD325X Datasheet HTML 117Page - STMicroelectronics UPSD325X Datasheet HTML 118Page - STMicroelectronics UPSD325X Datasheet HTML 119Page - STMicroelectronics UPSD325X Datasheet HTML 120Page - STMicroelectronics UPSD325X Datasheet HTML 121Page - STMicroelectronics UPSD325X Datasheet HTML 122Page - STMicroelectronics UPSD325X Datasheet HTML 123Page - STMicroelectronics UPSD325X Datasheet HTML 124Page - STMicroelectronics UPSD325X Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 176 page
background image
121/176
µPSD325X DEVICES
Figure 58. PLD Diagram
Note: 1. Ports A is not available in the 52-pin package
8
INPUT MACROCELL & INPUT PORTS
DIRECT MACROCELL INPUT TO MCU DATA BUS
CSIOP SELECT
SRAM SELECT
SECONDARY NON-VOLATILE MEMORY SELECTS
DECODE PLD
PAGE
REGISTER
PERIPHERAL SELECTS
CPLD
PT
ALLOC.
MACROCELL
ALLOC.
MCELLAB
MCELLBC
DIRECT MACROCELL ACCESS FROM MCU DATA BUS
24 INPUT MACROCELL
(PORT A,B,C)
16 OUTPUT
MACROCELL
PRIMARY FLASH MEMORY SELECTS
2
PORT D INPUTS
TO PORT A OR B1
TO PORT B OR C
DATA
BUS
8
8
8
4
1
1
2
EXTERNAL CHIP SELECTS
TO PORT D
2
16
24
OUTPUT MACROCELL FEEDBACK
AI06600
73
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More