| Moteur de recherche de fiches techniques de composants électroniques |
|
EM6522 Fiches technique(PDF) 1 Page - EM Microelectronic - MARIN SA |
|
|
|||||||||||||||||||||||||||||
EM6522 Fiches technique(HTML) 1 Page - EM Microelectronic - MARIN SA |
|
1 / 9 page ![]() EMDB65xx Copyright © 2005, EM Microelectronic-Marin SA 1 www.emmicroelectronic.com EM MICROELECTRONIC - MARIN SA EMDB65xx V2.0 MANUAL TABLE OF CONTENTS 1. INTRODUCTION ................................................................................................................................................2 2. HARDWARE DESCRIPTION.............................................................................................................................2 2.1 EMDB65xx ...............................................................................................................................................................2 2.2 Hardware Board versionning ....................................................................................................................................3 2.3 Demoboard description ............................................................................................................................................3 3. MFP PACKAGES...............................................................................................................................................4 6. MAIN CONNECTIONS.......................................................................................................................................5 6.1 Programming............................................................................................................................................................5 6.1.1 Pins for MFP programming Box - EM6503/ 04/ 17/ 20/ 21/ 22/ 40 ..........................................................5 6.1.2 Pins for Elnec programmer (ISP) - EM6580 ............................................................................................5 6.1.3 Pins for Elnec programmer (ISP) - EM6503/ 04/ 17/ 20/ 21/ 22/ 40 ........................................................5 6.1.4 Programming interface pinout .................................................................................................................5 6.2 Ports.........................................................................................................................................................................5 6.3 GENERAL PURPOSE..............................................................................................................................................6 7. SIGNALS NOTES ..............................................................................................................................................7 7.1 VDD..........................................................................................................................................................................7 7.2 RESET .....................................................................................................................................................................7 7.3 VSS ..........................................................................................................................................................................7 7.4 TEST ........................................................................................................................................................................7 7.5 QIN / SDIO and QOUT/SCLK ..................................................................................................................................7 7.6 VREG and VREG/VPP.............................................................................................................................................7 8. PORT A PULL-UP/DOWN SELECTION ...........................................................................................................8 9. PORT A SWITCHES CONNECTION.................................................................................................................8 10. PORT B LED CONNECTION.............................................................................................................................8 10.1 Led Connection selection .........................................................................................................................................8 11. HOW TO CONNECT THE BUZZER ..................................................................................................................8 12. HOW TO PROGRAM WITH ELNEC PROGRAMMER .....................................................................................9 12.1 How to program EM6580 .........................................................................................................................................9 12.2 how to program the other EM65xx ...........................................................................................................................9 13. HOW TO PROGRAM WITH EMPB65XX PROGRAMMER ..............................................................................9 14. SPECIFICATION HISTORY / HISTORIQUE DE LA SPECIFICATION ............................................................9 |
Numéro de pièce similaire - EM6522 |
|
Description similaire - EM6522 |