Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM6821 Fiches technique(PDF) 55 Page - EM Microelectronic - MARIN SA

No de pièce EM6821
Description  Ultra Low Power uController with 4x20 LCD Driver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMMICRO [EM Microelectronic - MARIN SA]
Site Internet  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6821 Fiches technique(HTML) 55 Page - EM Microelectronic - MARIN SA

Back Button EM6821 Datasheet HTML 51Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 52Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 53Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 54Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 55Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 56Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 57Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 58Page - EM Microelectronic - MARIN SA EM6821 Datasheet HTML 59Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
R
EM6821
Copyright
© 2005, EM Microelectronic-Marin SA
55
www.emmicroelectronic.com
17. Active Supply Current Test
For this purpose, five instructions at the end of the ROM will be added. This will be done at EM Marin.
So the user must keep must only use up to 4091 Instructions.
Testloop :
STI
00H,
0AH
LDR
1BH
NXORX
JPZ
Testloop
JMP
00H
To stay in the testloop, these values must be written in the corresponding addresses before jumping in the
loop.
1BH:
0101b
32H:
1010b
6EH:
0010b
6FH:
0011b
The free space after the last user instruction is filled with :
JMP 00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68