Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74HC151PW Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74HC151PW
Description  8-input multiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC151PW Fiches technique(HTML) 6 Page - NXP Semiconductors

  74HC151PW Datasheet HTML 1Page - NXP Semiconductors 74HC151PW Datasheet HTML 2Page - NXP Semiconductors 74HC151PW Datasheet HTML 3Page - NXP Semiconductors 74HC151PW Datasheet HTML 4Page - NXP Semiconductors 74HC151PW Datasheet HTML 5Page - NXP Semiconductors 74HC151PW Datasheet HTML 6Page - NXP Semiconductors 74HC151PW Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
December 1990
6
Philips Semiconductors
Product specification
8-input multiplexer
74HC/HCT151
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
In
Sn
E
0.45
1.50
0.30
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
In to Y
22
38
48
57
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
In to Y
22
38
48
57
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Sn to Y
23
41
51
62
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
Sn to Y
25
43
54
65
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
E to Y
16
29
36
44
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
E to Y
21
36
45
54
ns
4.5
Fig.7
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 6 and 7



Html Pages

1 2 3 4 5 6 7