| Moteur de recherche de fiches techniques de composants électroniques |
|
74HC Fiches technique(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74HC Fiches technique(HTML) 1 Page - NXP Semiconductors |
|
1 / 9 page ![]() DATA SHEET Product specification Supersedes data of December 1990 File under Integrated Circuits, IC06 1997 Nov 25 INTEGRATED CIRCUITS 74HC/HCT109 Dual JK flip-flop with set and reset; positive-edge trigger For a complete data sheet, please also download: • The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications • The IC06 74HC/HCT/HCU/HCMOS Logic Package Information • The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines |
Numéro de pièce similaire - 74HC |
|
Description similaire - 74HC |