Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IPMI-2000 Fiches technique(PDF) 2 Page - Advantech Co., Ltd.

No de pièce IPMI-2000
Description  IPMI-2000 IPMI Module, AST2600 Chipset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ADVANTECH [Advantech Co., Ltd.]
Site Internet  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IPMI-2000 Fiches technique(HTML) 2 Page - Advantech Co., Ltd.

  IPMI-2000 Datasheet HTML 1Page - Advantech Co., Ltd. IPMI-2000 Datasheet HTML 2Page - Advantech Co., Ltd. IPMI-2000 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 IPMI-2000 Startup Manual
1. Please connect IPMI module to the ASMB BMC2
connector using the following steps.
1). Connect BMC2 with the screw holes on your
ASMB. If your ASMB is ASMB-587, you will find two
screw holes around BMC2.
Figure1: Locations of BMC2 & Screw holes on ASMB
2). Connect BMC_CN1 with screw holes on
IPMI-2000.
BMC_CN1
STDOFF1
STDOFF2
STDOFF3
Figure 2: Locations of BMC1 & standoffs on module
3). Lock the posts onto the screw holes on ASMB,
then connect the ASMB and IPMI-2000 with
BMC_CN1 connector.
Figure 3: Assembling module
BMC2 Screw holes
4). Align the holes and fix securely with the
screws.
Figure 4: Fixing the screws
2. After setting up the hardware configuration, users
should also complete the BIOS settings. Please check
the information below to find out corresponding instruc-
tions to enable the IPMI function.
Enter Server Mgmt, “BMC Support” and “Wait for BMC”
are [Enabled] as default setting.
3.
Figure 5: BMC support setting
Enter BMC network configuration, the default
Configuration Address source is [Unspecified]. Change
Address source to [Static], there is a default IP address
for user settings the first time.
Figure 6: BMC network configuration setting
Note: At first time initialing IPMI-2000, it may take up to one
minute before posting BIOS. When F/W is ready, the LED
light of module will be flashing.
Installation Guide



Html Pages

1 2 3