Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3879SD-1.2 Fiches technique(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LP3879SD-1.2
Description  Micropower 800mA Low Noise Ceramic Stable Voltage Regulator for Low Voltage Applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3879SD-1.2 Fiches technique(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3879SD-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 9Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 10Page - National Semiconductor (TI) LP3879SD-1.2 Datasheet HTML 11Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Typical Performance Characteristics Unless otherwise specified: V
IN = 3.3V, VOUT = 1V, IL = 1 mA,
CIN = 4.7 µF, COUT = 10 µF, VS/D = 2V, CBYP = 10 nF, TJ = 25˚C. (Continued)
Line Transient Response
Load Transient Response
20161334
20161345
Load Transient Response
Turn-On Characteristics
20161343
20161355
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com