Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HG4518/024-Z2GC Fiches technique(PDF) 1 Page - DB Lectro Inc

No de pièce HG4518/024-Z2GC
Description  Low Profile Miniature PCB Power Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DBLECTRO [DB Lectro Inc]
Site Internet  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

HG4518/024-Z2GC Fiches technique(HTML) 1 Page - DB Lectro Inc

  HG4518/024-Z2GC Datasheet HTML 1Page - DB Lectro Inc HG4518/024-Z2GC Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low Profile Miniature PCB Power Relay
HG4518
HG4518
1/2
FEATURES
TYPICAL APPLICATIONS
CONTACT RATING
CONTACT DATA
COIL DATA
UL/CUR/VDE RATING (PENDING)
Low profile, slim design, 12.3 mm in height
8A contact capacity
1 Form A and 1 Form C contact form for choice
5 KV dielectric strength between coil and contacts
8 mm creepage distance between coil and contacts
Sealed and dust cover version available
UL, CUR and VDE approvals pending
Home appliances
Office machine
Vending machine
Air conditioner, refrigerator
Form
Material
Initial Contact Resistance
Service Life
Coil Voltage Code
Nominal Voltage
Resistance (
Ω) ±10%
Must Operate
Voltage max.
Power Consumption
(VDC)
(VDC)
Must Release
Voltage min.
(VDC)
Mechanical
Electrical
Form
Resistive
1 Form A (H), 1 Form C (Z)
1 Form A (H), 1 Form C (Z)
8A, 250VAC
AgCdO
005
006
012
024
048
060
5
6
12
24
48
60
Model
Coil Voltage Code
Contact Form
Version
Contact Material
H: 1 Form A, 5 mm
Z: 1 Form C, 3.2 mm
1: Sealed, 2: Dust Cover
C: AgCdO; GC: Gold plated AgCdO
S: AgSnO; GS: Gold plated AgSnO
ORDERING DESIGNATION
Example:
HG4518 /
012 -
Z
1
C
3.75
4.50
9.00
18.00
36.00
45.00
0.5
0.6
1.2
2.4
4.8
6.0
113
0.22 -
0.25W
164
617
2350
9600*
12500*
107 ops.
105 ops.
100 m
Ω max at 1A, 6VDC
8A, 250VAC
8A, 24VDC
5A, 30VDC
5A, 30VDC
440VAC/125VDC
2000VA/150W
10A
Rated Load
Max. Switching Current
Max. Switching Voltage
Max. Switching Capacity
Operate Time
Release Time
Insulation Resistance
Dielectric Strength
Surge Resistance
Shock Resistance
Vibration Resistance
Ambient Temperature
Weight
CHARACTERISTICS
7 ms.
100 M
Ω, at 500 VDC, 50%RH
5000 Vrms, 1 min. between coil and contacts
1000 Vrms, 1 min. between open contacts
10000 V
10 g, 11ms. functional, 100 g, destructive
20 g / 5 g, 10 - 500 Hz
-40 C to 85 C operating
8.2 g, approx.
3 ms.


Numéro de pièce similaire - HG4518/024-Z2GC

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4510/005-H1C DBLECTRO-HG4510/005-H1C Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4510/006-H1C DBLECTRO-HG4510/006-H1C Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4510/012-H1C DBLECTRO-HG4510/012-H1C Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4510/024-H1C DBLECTRO-HG4510/024-H1C Datasheet
43Kb / 2P
Miniature PCB Power Relay
More results

Description similaire - HG4518/024-Z2GC

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HG4115 ETC-HG4115 Datasheet
51Kb / 2P
MINIATURE PCB POWER RELAY
HG4509 ETC-HG4509 Datasheet
443Kb / 2P
LOW PROFILE MINIATURE PCB POWER RELAY
logo
DB Lectro Inc
HG4510 DBLECTRO-HG4510 Datasheet
43Kb / 2P
Miniature PCB Power Relay
HG4515 DBLECTRO-HG4515 Datasheet
78Kb / 2P
Miniature PCB Power Relay
logo
Tyco Electronics
MSR MACOM-MSR Datasheet
205Kb / 3P
Miniature Power PCB Relay
PCH MACOM-PCH Datasheet
127Kb / 3P
Miniature Power PCB Relay
T7N MACOM-T7N Datasheet
157Kb / 3P
Miniature Power PCB Relay
logo
Picker Components
PC378 PICKER-PC378_17 Datasheet
396Kb / 2P
Low Profile Miniature PCB Power Relay
PC459 PICKER-PC459_17 Datasheet
456Kb / 2P
Miniature PCB Power Relay
logo
Willow Technologies Ltd
DG6L WILLOW-DG6L Datasheet
230Kb / 3P
miniature pcb power relay
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com