| Moteur de recherche de fiches techniques de composants électroniques |
|
ST25DV64K Fiches technique(PDF) 160 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST25DV64K Fiches technique(HTML) 160 Page - STMicroelectronics |
|
160 / 197 page ![]() Table 264. Polling during programming after byte writing in user memory Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - NoACK 9th bit Device Busy Start A6h - Device select for writing - NoACK 9th bit Device Busy ... ... Device select for writing ... ... ... 9th bit Device Busy Start A6h - Device select for writing - ACK 9th bit Device ready Programing completed Stop - End of Polling Table 265. Byte Write in user memory when write operation is not allowed Request/Response Frame Comment Master drives SDA Slave drives SDA Start A6h - Device select for writing - ACK 9th bit ADDRESS_MSB - Send Address MSB (1 Byte) - ACK 9th bit ADDRESS_LSB - Send Address LSB (1 Byte) - ACK 9th bit DATA - Send Data - NoACK 9th bit: Write access not granted or FTM activated. Stop - No Programming Device return in Standby ST25DV04K ST25DV16K ST25DV64K I²C Byte writing and polling DS10925 - Rev 11 page 160/197 |