Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST25DV64K Fiches technique(PDF) 142 Page - STMicroelectronics

No de pièce ST25DV64K
Description  Dynamic NFC/RFID tag IC with 4-, 16-, or 64-Kbit EEPROM, and fast transfer mode capability
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV64K Fiches technique(HTML) 142 Page - STMicroelectronics

Back Button ST25DV64K Datasheet HTML 138Page - STMicroelectronics ST25DV64K Datasheet HTML 139Page - STMicroelectronics ST25DV64K Datasheet HTML 140Page - STMicroelectronics ST25DV64K Datasheet HTML 141Page - STMicroelectronics ST25DV64K Datasheet HTML 142Page - STMicroelectronics ST25DV64K Datasheet HTML 143Page - STMicroelectronics ST25DV64K Datasheet HTML 144Page - STMicroelectronics ST25DV64K Datasheet HTML 145Page - STMicroelectronics ST25DV64K Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 197 page
background image
Figure 75. I2C AC waveforms
SCL
SDA in
SCL
SDA out
SCL
SDA in
tCHCL
tDLCL
tCHDX
Start
condition
tCLCH
tDXCX
tCLDX
SDA
input
SDA
change
tCHDH
tDHDL
Data valid
tCLQV
tCLQX
tCHDH
Stop
condition
tCHDX
Start
condition
Write cycle
tW
Stop
condition
tCHCL
tXH1XH2
tXH1XH2
tXL1XL2
tXL1XL2
Data valid
tDL1DL2
Start
condition
Figure 76 shows how to calculate the value of the pull-up resistor. In applications where this method of
synchronization is not employed, the pull-up resistor is not necessary, provided that the bus master has a
push-pull (rather than open drain) output.
Figure 76. I2C Fast mode (fC = 1 MHz): maximum Rbus value versus bus parasitic capacitance (Cbus)
1
10
10
100
Bus line capacitor (pF)
I²C bus
master
ST25DV
Rbus
VCC
Cbus
SCL
SDA
Here,
R bu s × Cbu s= 120 ns
R
bu s × C
bu s = 150
ns
4
30
The Rbus x Cbus time constant
must be below 150 ns.
The time constant line is
represented on the left.
100
ST25DV04K ST25DV16K ST25DV64K
I2C parameters
DS10925 - Rev 11
page 142/197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More