| Moteur de recherche de fiches techniques de composants électroniques |
|
ER-4B-R2-3-CQ-A5 Fiches technique(PDF) 3 Page - DB Lectro Inc |
|
|
|||||||||||||||||||||||||||||
ER-4B-R2-3-CQ-A5 Fiches technique(HTML) 3 Page - DB Lectro Inc |
|
3 / 3 page ![]() 14 B ES40-R CODE CONTACT MATERIAL TERMINAL MATERIAL RATING Q R G K Silver plated Gold plated over nickel plated Gold plate over silver plated Gold plated over nickel plated Silver plated Gold plated over nickel plated Gold plated over silver plated Tin-lead over nickel plated THE K option is only for some special item. Please inquiry first when you need the "K" option 0.4VA MAX @ 20 V AC or DC MAX 3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC 0.4 VA MAX @ 20 V AC or DC MAX or 3 A @ 120V AC or 28 V DC; 1.5 A @ 250 VAC 0.4VA MAX @ 20 V AC or DC MAX Sealed Rocker Switches Actuator Option Actuator Color Option Code Other colors. custom actuator marking available consult factory. Color VERTICAL SUPPORT BRACKET OPTION 1 2 3 white Black(std.) Red TERMINAL OPTION ( ER-4 / ER-5 ) THE P.C.B MOUNTING CONTACT MATERIAL OPTIONS .580 14.73 .250 6.35 .475 12.07 .350 8.89 .300 7.62 .187 4.75 .475 12.07 .580 14.73 .250 6.35 .350 8.89 .187 4.75 .230 5.84 R1 R2 .620 15.75 .320 8.13 PANEL MOUNTING .620 15.75 .320 8.13 PANEL MOUNTING .200 5.08 .100 2.54 .043 DIA ø1.09 .100 2.54 .100 2.54 .043 DIA ø1.09 .100 2.54 .100 2.54 .200 5.08 .043 DIA ø1.09 .200 5.08 .200 5.08 .043 DIA ø1.09 .100 2.54 .200 5.08 ER-5 .200 5.08 ER-4 .100 2.54 .043 DIA ø1.09 .200 5.08 .043 DIA ø1.09 ER-7 .100 2.54 ER-6 .200 5.08 .200 5.08 ER-9 ER-8 SPDT DPDT .200 5.08 EPOXY SEAL .130 3.30 .020 THK. 0.76 .020 THK. 0.51 SP .130 3.30 .030 0.76 EPOXY SEAL DP .203 5.16 .363 9.21 .130 3.29 .043 ø1.09 .400 10.16 .100 2.54 .404 10.27 .043 DIA ø1.09 .200 5.08 .100 2.54 .363 9.22 .382 9.71 .135 3.43 A5S (std.) snap-in type A5 straight type ER-4-R1-2-CQ-A5S .030 0.76 .200 5.08 ER-5-R1-2-CQ-A5S .670 17.02 .783 19.89 .100 2.54 .400 10.16 DB LECTRO Inc. 3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 DB LECTRO Inc. |