Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PL Fiches technique(PDF) 1 Page - C&K Components

No de pièce PL
Description  5 Tumbler Miniature Camlocks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PL Fiches technique(HTML) 1 Page - C&K Components

  PL Datasheet HTML 1Page - C&K Components PL Datasheet HTML 2Page - C&K Components PL Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
L–39
L
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
PL Series
5 Tumbler Miniature Camlocks
Features/Benefits
• Cost-effective security
• Custom cams available
Typical Applications
• Office furniture
• Cash registers
• Copy machines
Specifications
INDEXING: 90º: 2 positions.
NOTE: Specifications and materials listed above are for camlocks with standard
options. For information on specific and custom camlocks, consult Customer
Service Center.
Materials
LOCK: 6/6 nylon (UL 94V-2). Color, black.
5 tumbler, single bitted lock with integral detent mechanism.
KEYS: Two nickel plated brass keys with black plastic insert molded
head.
CAM: 6/6 nylon (UL 94V-2).
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages L–40 and L-41. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
PL001U SP, 90º Index,
keypull pos. 1 & 2
Key Color
2 Black
Keying
E Two nickel plated
brass keys with insert
molded plastic head
Lock Finish
M Plastic lock with matte finish
Cam
A1 .625”
Lock Style
K Cone shaped facing
Lock Color
2 Black
Lock Type
B 5 Tumbler lock with detent


Description similaire - PL

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
PF011UEBM03KQ22 ITT-PF011UEBM03KQ22 Datasheet
282Kb / 4P
5 Tumbler Miniature Snap-in Switchlocks
PL001UEBMA1K22 ITT-PL001UEBMA1K22 Datasheet
211Kb / 3P
5 Tumbler Miniature Camlocks
PM0613EBM05KQ22 ITT-PM0613EBM05KQ22 Datasheet
260Kb / 3P
5 Tumbler Miniature Snap-in Switchlocks
YL001U2A2A1N ITT-YL001U2A2A1N Datasheet
297Kb / 3P
4 & 6 Tumbler Camlocks
logo
C&K Components
PF011UEBM03KQ22 CK-COMPONENTS-PF011UEBM03KQ22 Datasheet
202Kb / 4P
5 Tumbler Miniature Snap-in Switchlocks
PL001UEBMA1K22 CK-COMPONENTS-PL001UEBMA1K22 Datasheet
152Kb / 3P
5 Tumbler Miniature Camlocks
PM0613EBM05KQ22 CK-COMPONENTS-PM0613EBM05KQ22 Datasheet
181Kb / 3P
5 Tumbler Miniature Snap-in Switchlocks
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
4 Tumbler Miniature Switchlocks
PM CK-COMPONENTS-PM Datasheet
385Kb / 3P
5 Tumbler Miniature Snap-in Switchlocks
27 Jun 22
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com