Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P Fiches technique(PDF) 4 Page - C&K Components

No de pièce P
Description  4 Tumbler Snap-in Switchlocks
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

P Fiches technique(HTML) 4 Page - C&K Components

  P Datasheet HTML 1Page - C&K Components P Datasheet HTML 2Page - C&K Components P Datasheet HTML 3Page - C&K Components P Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
L–21
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
L
Key Code: A126
4 TUMBLER
PART NO. (ONE KEY)
115140126
Material: Brass
Finish: Nickel plate
Key Code: A126
4 TUMBLER
PART NO. (ONE KEY)
1159112602 BLACK
Material: Brass
Finish: Nickel plate
6/6 Nylon insert molded
head
P Series
4 Tumbler Snap-in Switchlocks
AVAILABLE HARDWARE
28 Jan 21



Html Pages

1 2 3 4