Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS Fiches technique(PDF) 1 Page - C&K Components

No de pièce CS
Description  4-way Adjustable Direction Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

CS Fiches technique(HTML) 1 Page - C&K Components

  CS Datasheet HTML 1Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C
C–9
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
d
c Lh
g
b C
Lv
Rh
MLR
MLR
e
a
f
Rv
GND
+Vcc
MUD
MUD
g
f
e
d
c
a
b
P VIEW
R5
10
7.5
P
30
40
35.7
17.5
5.25
3.5
1.8
16
4.4
36.0 +0.10
0
26.1
ABS
SCHEMATIC
39.3
36
35.7
Materials
KNOB: ABS
COVER: ABS
TERMINAL: Brass, tin plated
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
2 Mar 22
CS Series
4-way Adjustable Direction Switch
Features/Benefits
• Designed for mirror control
• Wire harness and connector easy to customize
• 4-way adjustable directions
Typical Applications
• Automotive
• Industrial
Specifications
CONTACT RATING: 0.2 A @ 12 VDC
OPERATING LIFE: 10,000 cycles
INSULATION RESISTANCE: 10 M Ω min. @ 500 VDC
DIELECTRIC STRENGTH: 500 V AC
OPERATING TEMPERATURE: –40ºC to +90ºC
OPERATING FORCE:
L- OFF, R-OFF; 200 ±100 gf
OFF-L, OFF-R; 400 ± 200 gf
4 Direction; 500 ± 200 gf
PART NUMBER
PACKAGING
CS-41001-E
256 pieces
How To Order
Part number list is shown below.
Part Number
(Part Description)
Product Details
CS-41001-E
4 directions switch with selector slide switch


Description similaire - CS

FabricantNo de pièceFiches techniqueDescription
logo
ITT Industries
TBWB2A0O ITT-TBWB2A0O Datasheet
189Kb / 2P
Trackball Miniature All-direction Scanning Switch
TPC1133GLFG ITT-TPC1133GLFG Datasheet
315Kb / 3P
Tri-direction Scan Switch
logo
C&K Components
TPC CK-COMPONENTS-TPC Datasheet
373Kb / 3P
Tri-direction Scan Switch
logo
Innovative Power Produc...
IPP-1013 IPP-IPP-1013 Datasheet
65Kb / 1P
OUTLINE 4 WAY
IPP-1036 IPP-IPP-1036 Datasheet
66Kb / 1P
OUTLINE 4 WAY
IPP-1110 IPP-IPP-1110 Datasheet
57Kb / 1P
OUTLINE 4 WAY
IPP-1135 IPP-IPP-1135 Datasheet
63Kb / 1P
OUTLINE 4 WAY
IPP-1136 IPP-IPP-1136 Datasheet
68Kb / 1P
OUTLINE 4 WAY
logo
Shenzhen Huazhimei Semi...
CD4066 HMSEMI-CD4066 Datasheet
826Kb / 10P
two-way analog switch
logo
C&K Components
TBWB2A CK-COMPONENTS-TBWB2A Datasheet
94Kb / 2P
Miniature All-direction Navigation Switch
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com