| Moteur de recherche de fiches techniques de composants électroniques |
|
STR710FZ2T6 Fiches technique(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR710FZ2T6 Fiches technique(HTML) 50 Page - STMicroelectronics |
|
50 / 74 page ![]() Electrical parameters STR71xF 50/74 Figure 17. RPU vs. V33 with VIN=VSS Figure 18. IPU vs. V33 with VIN=VSS -250.0 -200.0 -150.0 -100.0 -50.0 0.0 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C -30 -25 -20 -15 -10 -5 0 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C Figure 19. RPD vs. V33 with VIN=V33 Figure 20. IPD vs. V33 with VIN=V33 0.0 50.0 100.0 150.0 200.0 250.0 300.0 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C 0 5 10 15 20 25 30 3 3.1 3.2 3.3 3.4 3.5 3.6 V33 (V) TA=-45°C TA=0°C TA=+25°C TA=+90°C |