Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS Fiches technique(PDF) 10 Page - C&K Components

No de pièce JS
Description  Sub-Miniature Slide Switches
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

JS Fiches technique(HTML) 10 Page - C&K Components

Back Button JS Datasheet HTML 6Page - C&K Components JS Datasheet HTML 7Page - C&K Components JS Datasheet HTML 8Page - C&K Components JS Datasheet HTML 9Page - C&K Components JS Datasheet HTML 10Page - C&K Components JS Datasheet HTML 11Page - C&K Components JS Datasheet HTML 12Page - C&K Components JS Datasheet HTML 13Page - C&K Components JS Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
I
I–59
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
22 Sep 22
13
3.6
5.5
3.5
1.5 0.5
3.6
3
24
2
0.6
TYP
12.4
242
4
0.8
1.0
2 TRAVEL2 TRAVEL
0.8 TYP
a
b
c
PCB LAYOUT RECOMMENDED
TERMINAL N0.1
SCHEMATIC
C: COMMON PIN
1 2
5 6
3 4
7 8
C
C
JS Series
Sub-Miniature Slide Switches
Part Number
JS203011JCQN
DP3T
Shown in position b
Available in tape & reel
only
VERTICAL MOUNT SMT - J BEND
13
3.6
5.5
3.5±0.2
10
TRAVEL
2 0.2
TRAVEL
2 0.2
1.5 0.05
3.6
0.6
24
2
5±0.2
3
24
2
10
2X 0.8
4X 0.8 (SPACE BETWEEN TERMINALS)
2X 0.9+0.1
0
0.125
CHAMFER
1.0
4
0.8
SWITCH FUNCTION
POS.c
POS.b
POS.a
(MOM)ONON
CONNECTED TERMINALS
1-3,5-7
2-3,6-7
3-4,7-8
CIRCUIT DIAGRAM
C: COMMON PIN
BOTTOM VIEW
1 2
5 6
3 4
7 8
C
C
C&K
C&K
C&K
PC MOUNT - TOLERANCE
.05
SHOWN IN POS.b
TERMINAL NO.1
2X
0.8 0
-0.1
Part Number
JS207011JCQNR
DP3T
Available in tape & reel
only
SURFACE MOUNT - J BEND
Shown in position c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15