| Moteur de recherche de fiches techniques de composants électroniques |
|
VIPER114HSTR Fiches technique(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER114HSTR Fiches technique(HTML) 25 Page - STMicroelectronics |
|
25 / 37 page ![]() DS11873 Rev 5 25/37 VIPer11 General description 37 Figure 32. Connection for output overvoltage protection (non-isolated topologies) If VOVP is the desired input/output overvoltage threshold, the resistors RH and RL of the voltage divider are to be selected according to the following formula: Equation 2 The power dissipation associated to the DIS network is: Equation 3 in case of connection for the input overvoltage detection and Equation 4 in case of connection for the output overvoltage detection. |