Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER113LSTR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce VIPER113LSTR
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER113LSTR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button VIPER113LSTR Datasheet HTML 17Page - STMicroelectronics VIPER113LSTR Datasheet HTML 18Page - STMicroelectronics VIPER113LSTR Datasheet HTML 19Page - STMicroelectronics VIPER113LSTR Datasheet HTML 20Page - STMicroelectronics VIPER113LSTR Datasheet HTML 21Page - STMicroelectronics VIPER113LSTR Datasheet HTML 22Page - STMicroelectronics VIPER113LSTR Datasheet HTML 23Page - STMicroelectronics VIPER113LSTR Datasheet HTML 24Page - STMicroelectronics VIPER113LSTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DS11873 Rev 5
21/37
VIPer11
General description
37
5.8
Direct feedback
The IC embeds a transconductance type error amplifier (E/A) whose inverting input and
output are FB and COMP, respectively. The internal reference voltage of the E/A is VFB_REF
(1.2 V typical value referred to GND). In non-isolated topologies, positive output voltages
are tightly set through a simple voltage divider applied to the output voltage terminal, FB and
GND.
The E/A output is scaled down and fed into the PWM comparator, where it is compared with
the voltage across the sense resistor in series to the sense-FET, thus setting the cycle-by-
cycle drain current limitation.
An R-C network connected across COMP (the output of the E/A) and GND pins is usually
used to stabilize the overall control loop.
The FB is provided with an internal pull-up to prevent a wrong IC behavior when the pin is
accidentally left floating.
The E/A is disabled if the FB voltage is lower than VFB_DIS (200 mV, typ.).
5.9
Secondary feedback
When a secondary feedback is required, the internal E/A has to be disabled shorting FB to
GND (VFB < VFB_DIS). With this setting, COMP is internally connected to a pre-regulated
voltage through the pull-up resistor RCOMP(DYN) and the voltage across COMP is set by the
current sunk.
This allows the output voltage value to be set through an external error amplifier (TL431 or
similar) placed on the secondary side, whose error signal is used to set the DRAIN peak
current setpoint corresponding to the output power demand. If isolation is required, the error
signal must be transferred through an optocoupler, with the phototransistor collector
connected across COMP and GND.
5.10
Pulse frequency modulation
If the output load is decreased, the feedback loop reacts lowering the VCOMP voltage, which
reduces the DRAIN peak current setpoint, down to the minimum value of IDLIM_PFM when
the VCOMPL threshold is reached.
If the load is furtherly decreased, the DRAIN peak current value is maintained at IDLIM_PFM
and some PWM cycles are skipped. This kind of operation is referred to as “pulse frequency
modulation” (PFM), the number of the skipped cycles depends on the balance between the
output power demand and the power transferred from the input. The result is an equivalent
switching frequency which can go down to some hundreds Hz, thus reducing all the
frequency-related losses.
This kind of operation, together with the extremely low IC quiescent current, allows very low
input power consumption in no-load and light load, while the low DRAIN peak current
value, IDLIM_PFM, prevents any audible noise which could arise from low switching
frequency values. When the load is increased, VCOMP increases and PFM is exited. VCOMP
reaches its maximum at VCOMPH and corresponding to that value, the DRAIN current
limitation (IDLIM) is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37