Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER265KDTR Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce VIPER265KDTR
Description  1050 V high voltage converter for ultra-wide input
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER265KDTR Fiches technique(HTML) 5 Page - STMicroelectronics

  VIPER265KDTR Datasheet HTML 1Page - STMicroelectronics VIPER265KDTR Datasheet HTML 2Page - STMicroelectronics VIPER265KDTR Datasheet HTML 3Page - STMicroelectronics VIPER265KDTR Datasheet HTML 4Page - STMicroelectronics VIPER265KDTR Datasheet HTML 5Page - STMicroelectronics VIPER265KDTR Datasheet HTML 6Page - STMicroelectronics VIPER265KDTR Datasheet HTML 7Page - STMicroelectronics VIPER265KDTR Datasheet HTML 8Page - STMicroelectronics VIPER265KDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
DS12978 Rev 1
5/28
VIPer26K
Electrical and thermal ratings
28
2
Electrical and thermal ratings
Table 2. Absolute maximum ratings
Symbol
Pin
Parameter(1),(2)
Value
Unit
Min.
Max.
VDRAIN
13-16
Drain-to-source (ground) voltage
1.05
KV
IDRAIN
Pulse drain current (limited by
TJ = 150 °C)
3A
VDD
5
Supply voltage
-0.3
Internally
limited
V
IDD
5
Input current
20
mA
VFB
7
Feedback pin voltage
-0.3
4.8
V
VCOMP
8
Input pin voltage
-0.3
3.5
V
PTOT
Power dissipation at TA < 60 °C
1.05(3)
W
TJ
Operating junction temperature range
-40
150
°C
TSTG
Storage temperature
-55
150
°C
1. Stresses beyond those listed absolute maximum ratings may cause permanent damage to the device.
2. Exposure to absolute-maximum-rated conditions for extended periods may affect the device reliability.
3. When mounted on a standard single side FR4 board with 100 mm² (0.1552 inch) of Cu (35 μm thick).
Table 3. Thermal data
Symbol
Parameter
Max. value
Unit
RTH-JC
Thermal resistance junction to case (1)
(Dissipated power = 1 W)
10
°C/W
RTH-JC
Thermal resistance junction to case (2)
(Dissipated power = 1 W)
5
°C/W
RTH-JA
Thermal resistance junction ambient (1)
(Dissipated power = 1 W)
120
°C/W
RTH-JA
Thermal resistance junction ambient (2)
(Dissipated power = 1 W)
85
°C/W
1. When mounted on a standard, single side FR4 board with minimum copper area.
2. When mounted on a standard, single side FR4 board with 100 mm2 of Cu (35 μm thick).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28