Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VIPER11 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce VIPER11
Description  Energy saving offline high voltage converter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER11 Fiches technique(HTML) 5 Page - STMicroelectronics

  VIPER11 Datasheet HTML 1Page - STMicroelectronics VIPER11 Datasheet HTML 2Page - STMicroelectronics VIPER11 Datasheet HTML 3Page - STMicroelectronics VIPER11 Datasheet HTML 4Page - STMicroelectronics VIPER11 Datasheet HTML 5Page - STMicroelectronics VIPER11 Datasheet HTML 6Page - STMicroelectronics VIPER11 Datasheet HTML 7Page - STMicroelectronics VIPER11 Datasheet HTML 8Page - STMicroelectronics VIPER11 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
DS11873 Rev 5
5/37
VIPer11
Pin setting
37
5
COMP
Compensation. It is the output of the internal E/A. A compensation network is
placed between this pin and GND to achieve stability and good dynamic
performance of the control loop. In case of secondary feedback, the internal E/A
must be disabled and the COMP directly driven by the optocoupler to control the
DRAIN peak current setpoint.
6 to 10
DRAIN
MOSFET drain. The internal high voltage current source sinks current from this
pin to charge the VCC capacitor at startup and during steady-state operation.
These pins are mechanically connected to the internal metal PAD of the
MOSFET in order to facilitate heat dissipation. On the PCB a copper area must
be placed under these pins in order to decrease the total junction-to-ambient
thermal resistance thus facilitating the power dissipation.
Table 1. Pin description (continued)
SSOP10
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37