Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMCP9801A5-M/MSG Fiches technique(PDF) 29 Page - Microchip Technology

No de pièce AMCP9801A5-M/MSG
Description  2-Wire High-Accuracy Temperature Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AMCP9801A5-M/MSG Fiches technique(HTML) 29 Page - Microchip Technology

Back Button AMCP9801A5-M/MSG Datasheet HTML 22Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 23Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 24Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 25Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 26Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 27Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 28Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 29Page - Microchip Technology AMCP9801A5-M/MSG Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
 2010 Microchip Technology Inc.
DS21909C-page 29
MCP9800/1/2/3
7.0
PACKAGING INFORMATION
7.1
Package Marking Information
5-Lead SOT-23
XXNN
8-Lead SOIC (150 mil)
Example:
XXXXXXXX
XXXXYYWW
NNN
GMCP9803
M/SN1020
256
8-Lead MSOP
Example:
XXXXX
YWWNNN
G9803M
020256
Example:
Part Number
MCP9800
Part Number
MCP9802
MCP9800A0T-M/OT
LDNN
MCP9802A0T-M/OT
JKNN
MCP9800A5T-M/OT
LJNN
MCP9802A5T-M/OT
JRNN
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30