Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM4550 Fiches technique(PDF) 13 Page - EM Microelectronic - MARIN SA

No de pièce EM4550
Description  1 KBit Read/Write Contactless Identification Device
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMMICRO [EM Microelectronic - MARIN SA]
Site Internet  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4550 Fiches technique(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM4550 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 14Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 15Page - EM Microelectronic - MARIN SA EM4550 Datasheet HTML 16Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EM4450
EM4550
Copyright
 2003, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Package Information
Dimensions of PCB and CID version
Fig. 22
Fig. 23
F
F
g
C2
C1
MARKING
AREA
D
A
B
e
JK
FRONT VIEW
TOP VIEW
R
Y
X
Z
SYMBOL
MIN
TYP
MAX
X8.0
Y4.0
Z1.0
Dimensions are in mm
Dimensions are in mm
CID Package
PCB Package
C2
C1
SYMBOL
MIN
TYP
MAX
A
8.2
8.5
8.8
B
3.8
4.0
4.2
D
5.8
6.0
6.2
e
0.38
0.5
0.62
F
1.25
1.3
1.35
g
0.3
0.4
0.5
J
0.42
0.44
0.46
K
0.115
0.127
0.139
R
0.4
0.5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16