| Moteur de recherche de fiches techniques de composants électroniques |
|
MF-SMDF150/33 Fiches technique(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-SMDF150/33 Fiches technique(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() MF-NSMF Series MF-SMDF Series Tape Dimensions per EIA 481-1 per EIA 481-2 W P0 P1 P2 A0 B0 B1 max. D0 F E1 E2 min. T max. T1 max. K0 Leader min. Trailer min. Reel Dimensions A max. N min. W1 W2 max. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. MF-NSMF & MF-SMDF Series Tape and Reel Specifications B1 N(HUB DIA.) (MEASURED AT HUB) A T COVER TAPE K0 T1 A0 W2 (MEASURED AT HUB) W1 P1 B0 F D0 P2 P0 E2 E1 W UNIT = MM (INCHES) 8.0 ± 0.30 (0.315 ± 0.012) 4.0 ± 0.10 (0.157 ± 0.004) 4.0 ± 0.10 (0.157 ± 0.004) 2.0 ± 0.05 (0.079 ± 0.002) 1.85 ± 0.10 (0.073 ± 0.004) 1.75 ± 0.10 (0.069 ± 0.004) 1.50 + 0.1/-0.0 (0.059 + 0.004/-0) 8.4 + 1.5/-0.0 (0.331 + 0.059/-0.0) 4.35 (0.171) 6.25 (0.246) 0.6 (0.024) 0.1 (0.004) 390 (15.35) 160 (6.30) 185 (7.28) 50 (1.97) 14.4 (0.567) 16.0 ± 0.3 (0.630 ± 0.012) 4.0 ± 0.1 (0.157 ± 0.004) 8.0 ± 0.1 (0.315 ± 0.004) 2.0 ± 0.1 (0.079 ± 0.004) 5.1 ± 0.15 (0.201 ± 0.006) 5.6 ± 0.23 (0.220 ± 0.009) 7.5 ± 0.10 (0.295 ± 0.004) 1.75 ± 0.10 (0.069 ± 0.004) 1.0 ± 0.15 (0.039 ± 0.015) 1.5 + 0.1/-0.0 (0.059 + 0.004/-0) 16.4 + 2.0/ -0.0 (0.646 + 0.079/-0.0) 12.1 (0.476) 14.25 (0.561) 0.6 (0.024) 0.1 (0.004) 390 (15.35) 160 (6.30) 331 (13.03) 50 (1.97) 22.4 (0.882) 3.45 ± 0.10 (0.136 ± 0.004) 0.74 ± 0.10 (0.029 ± 0.004) |