| Moteur de recherche de fiches techniques de composants électroniques |
|
XR1007 Fiches technique(PDF) 4 Page - Mimix Broadband |
|
|
|||||||||||||||||||||||||||||
XR1007 Fiches technique(HTML) 4 Page - Mimix Broadband |
|
4 / 8 page ![]() 11.0-17.0 GHz GaAs MMIC Receiver Page 4 of 8 Mechanical Drawing Bias Arrangement Bypass Capacitors - See App Note [2] (Note: Engineering designator is 14REC0607) Units: millimeters (inches) Bond pad dimensions are shown to center of bond pad. Thickness: 0.110 +/- 0.010 (0.0043 +/- 0.0004), Backside is ground, Bond Pad/Backside Metallization: Gold All DC/IF Bond Pads are 0.100 x 0.100 (0.004 x 0.004). All RF Bond Pads are 0.100 x 0.200 (0.004 x 0.008) Bond pad centers are approximately 0.109 (0.004) from the edge of the chip. Dicing tolerance: +/- 0.005 (+/- 0.0002). Approximate weight: 3.97 mg. Bond Pad #1 (RF) Bond Pad #2 (Vd1) Bond Pad #9 (Vg2) Bond Pad #10 (Vg1) Bond Pad #3 (IF1) Bond Pad #4 (Vd3) Bond Pad #5 (LO) Bond Pad #6 (Vg3) Bond Pad #7 (Vg4) Bond Pad #8 (IF2) January 2006 - Rev 25-Jan-06 Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099 Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com Characteristic Data and Specifications are subject to change without notice. ©2006 Mimix Broadband, Inc. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. R1007 1 2 3 4 5 7 8 9 1.615 (0.064) 2.000 (0.079) 0.881 (0.035) 1.681 (0.066) 2.081 (0.082) 2.081 (0.082) 6 2.281 (0.090) 2.700 (0.106) 0.881 (0.035) 1.625 (0.064) 1.681 (0.066) 0.481 (0.019) 0.0 0.0 10 1 2 3 4 5 7 8 9 6 10 Vg3 Vg4 Vg1,2 IF2 LO IF1 RF Vd3 Vd1 |