Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP30/25 Fiches technique(PDF) 2 Page - FIBOX Enclosing innovations

No de pièce MP30/25
Description  Mounting plate, for enclosures:
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FIBOX [FIBOX Enclosing innovations]
Site Internet  http://www.fibox.co.kr/
Logo FIBOX - FIBOX Enclosing innovations

MP30/25 Fiches technique(HTML) 2 Page - FIBOX Enclosing innovations

  MP30/25 Datasheet HTML 1Page - FIBOX Enclosing innovations MP30/25 Datasheet HTML 2Page - FIBOX Enclosing innovations  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions :
Height
Width
Depth
mm :
282
215
1
inch :
11.1
8.46
0.04
Materials :
Material :
Base colour :
Cover colour :
Gasket material :
Temperatures :
Temperature °C (short term) :
Temperature °C (continuous) :
Temperature °F (short term) :
Temperature °F (continuous) :
Rating :
Ingress protection (EN 60529):
Impact Resistance (EN 62262):
Electrical insulation :
Not insulated
Halogen free (DIN/VDE 0472, Part 815):
0
UV resistance :
-
Flammability Rating :
Glow Wire Test (IEC 695-2-1) °C :
C
NEMA Class
Certificates :
© Fibox Oy, Data subject to change without notice (printed: 19.01.2023)



Html Pages

1 2